PART |
Description |
Maker |
01C1002FP 01C2001SFC3 |
NTC Thermistors, Radial Leaded and Coated
|
Vishay Siliconix
|
NCM20 NCM30 NCM40 NCM21 NCM50 |
Conformally Coated, Radial Multilayer Ceramic Capacitors
|
NIC-Components Corp.
|
CM21X7RXXX NCM21X7RXXX |
Conformally Coated / Radial Leaded Multilayer Ceramic Capacitors
|
NIC Components
|
CDEP125MENP-1R2N CDEP125MENP-0R7N CDEP125MENP-0R3N |
1 ELEMENT, 0.7 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Ceramic Conformally Coated/Radial High Voltage Gold Max"; Capacitance: 1pF; Voltage: 1000V; Tolerance: ±5%; TC: C0G; Body Size: .370" (9.40) x .300" (7.62) x .250" (6.35); Lead Style: .275" (6.98) POWER INDUCTORS 功率电感
|
SUMIDA CORPORATION. Sumida, Corp.
|
TAJC107M006R TAJC107M010R TAJC226K025B TAJC226K025 |
CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2412 CAP 100UF 10V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2412 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2412 CHIP, LEAD FREE CAP 10UF 50V 10% TANT SMD-7343-31 TR-7 GOLD CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT, 2917 CAP 330UF 6V 10% TANT SMD-7343-31 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917
|
AVX, Corp.
|
F930G107MAA F930G227MBA F930G107MBA F930G157MBA F9 |
Resin-Molded Chip, Standard Tantalum J-Lead Resin-Molded Chip, Standard Tantalum J-Lead
|
AVX Corporation
|
224FXM050M 228FXM016M 228FXM025M 228FXM035M 228FXM |
105°C Low Profile Radial Lead Aluminum Electrolytic Capacitors 105掳C Low Profile Radial Lead Aluminum Electrolytic Capacitors 105隆?C Low Profile Radial Lead Aluminum Electrolytic Capacitors
|
http:// Illinois Capacitor, Inc.
|
225BPS100M 226BPS100M 227BPS100M 105BPS100M 106BPS |
85隆?C Non-Polar Radial Lead Aluminum Electrolytic Capacitors 85掳C Non-Polar Radial Lead Aluminum Electrolytic Capacitors 85°C Non-Polar Radial Lead Aluminum Electrolytic Capacitors 85°C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
IR-2 IR02ER100K IR-4 |
Inductors Epoxy Conformal Coated Uniform Roll Coated
|
Vishay Siliconix
|
|